| 전자부품 데이터시트 검색엔진 |
|
CD74HCT03MTE4 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74HCT03MTE4 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 13 page ![]() 2 Functional Diagram Logic Symbol TRUTH TABLE AB Y L L Z (Note 1) H (Note 2) H L Z (Note 1) H (Note 2) L H Z (Note 1) H (Note 2) HH L L NOTES: 1. Without pull-up (high impedance) 2. Requires pull-up (RL to VL) 1A 1B 2A 2B 3A 3B 4A 4B 1 2 4 5 9 10 12 13 3 6 8 11 1Y 2Y 3Y 4Y GND = 7 VCC = 14 nA nB nY CD54HC03, CD74HC03, CD54HCT03, CD74HCT03 |