| 전자부품 데이터시트 검색엔진 |
|
M28W640ECT85ZB1 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640ECT85ZB1 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 55 page ![]() M28W640ECT, M28W640ECB 30/55 PACKAGE MECHANICAL Figure 13. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package Outline Note: Drawing is not to scale. Table 20. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package Mechanical Data Symbol millimeters inches Typ Min Max Typ Min Max A 1.20 0.0472 A1 0.05 0.15 0.0020 0.0059 A2 0.95 1.05 0.0374 0.0413 B 0.17 0.27 0.0067 0.0106 C 0.10 0.21 0.0039 0.0083 D 19.80 20.20 0.7795 0.7953 D1 18.30 18.50 0.7205 0.7283 E 11.90 12.10 0.4685 0.4764 e 0.50 – – 0.0197 – – L 0.50 0.70 0.0197 0.0279 α 0° 5° 0° 5° N48 48 CP 0.10 0.0039 TSOP-a D1 E 1 N CP B e A2 A N/2 D DIE C L A1 α |