전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0133 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0133
상세설명  TQFP-64 to DIP-64 SMT Adapter (1.0 mm pitch, 14 x 20 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0133 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0133 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0133 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
TQFP-64 to DIP-64 SMT Adapter (1.0 mm pitch, 14 x 20 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
14.30
A2
20.30
B
2.10
C
0.55
D
0.45
E
1.00
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2014 Proto Advantage
B
C
D
E
A
A2
IIIP
P
PC
C
C0
0
01
1
13
3
33
3
3


유사한 부품 번호 - IPC0133

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0130 PROTOADVANTAGE-IPC0130 Datasheet
43Kb / 2P
SOT-666 to DIP-6 SMT Adapter (0.5 mm pitch, 1.6 x 1.2 mm body)
revision 1.0
IPC0131 PROTOADVANTAGE-IPC0131 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
revision 1.0
IPC0132 PROTOADVANTAGE-IPC0132 Datasheet
43Kb / 2P
HSOP-44 to DIP-44 SMT Adapter (0.65 mm pitch, 16 x 11 mm body)
revision 1.0
IPC0134 PROTOADVANTAGE-IPC0134 Datasheet
44Kb / 2P
TQFP-44 to DIP-44 SMT Adapter (0.8 mm pitch, 14 x 14 mm body)
revision 1.0
IPC0135 PROTOADVANTAGE-IPC0135 Datasheet
44Kb / 2P
TQFP-44 to DIP-44 SMT Adapter (1.0 mm pitch, 14 x 14 mm body)
revision 1.0
More results

유사한 설명 - IPC0133

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPX PANASONIC-LN224RPX Datasheet
30Kb / 1P
5.0 mm X 1.0 mm Series
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
logo
Aries Electronics, Inc.
1109477 ARIES-1109477 Datasheet
754Kb / 1P
64-Pin DIP-to-PLCC 68-Pin Zilog Z80180 Adapter
1110267-N-P ARIES-1110267-N-P Datasheet
467Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
64-304121-00 ARIES-64-304121-00 Datasheet
466Kb / 1P
64-Pin 0.5mm TQFP-to-0.8mm QFP Adapter
logo
Yamaichi Electronics Co...
IC149-064-69 YAMAICHI-IC149-064-69 Datasheet
123Kb / 7P
QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
logo
Aries Electronics, Inc.
18054 ARIES-18054 Datasheet
552Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com