전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0134 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0134
상세설명  TQFP-44 to DIP-44 SMT Adapter (0.8 mm pitch, 14 x 14 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0134 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0134 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0134 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
TQFP-44 to DIP-44 SMT Adapter (0.8 mm pitch, 14 x 14 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
14.30
A2
14.30
B
2.00
C
0.45
D
0.35
E
0.80
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2014 Proto Advantage
B
C
D
E
A
A2
IIIP
P
PC
C
C0
0
01
1
13
3
34
4
4


유사한 부품 번호 - IPC0134

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0130 PROTOADVANTAGE-IPC0130 Datasheet
43Kb / 2P
SOT-666 to DIP-6 SMT Adapter (0.5 mm pitch, 1.6 x 1.2 mm body)
revision 1.0
IPC0131 PROTOADVANTAGE-IPC0131 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
revision 1.0
IPC0132 PROTOADVANTAGE-IPC0132 Datasheet
43Kb / 2P
HSOP-44 to DIP-44 SMT Adapter (0.65 mm pitch, 16 x 11 mm body)
revision 1.0
IPC0133 PROTOADVANTAGE-IPC0133 Datasheet
44Kb / 2P
TQFP-64 to DIP-64 SMT Adapter (1.0 mm pitch, 14 x 20 mm body)
revision 1.0
IPC0135 PROTOADVANTAGE-IPC0135 Datasheet
44Kb / 2P
TQFP-44 to DIP-44 SMT Adapter (1.0 mm pitch, 14 x 14 mm body)
revision 1.0
More results

유사한 설명 - IPC0134

제조업체부품명데이터시트상세설명
logo
Aries Electronics, Inc.
44-305263-20-P ARIES-44-305263-20-P Datasheet
472Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
logo
List of Unclassifed Man...
PA17C42-QD-03 ETC2-PA17C42-QD-03 Datasheet
30Kb / 1P
44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
logo
Aries Electronics, Inc.
18081 ARIES-18081 Datasheet
572Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
logo
OSRAM GmbH
LO-Q976 OSRAM-LO-Q976 Datasheet
528Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q971 OSRAM-LS-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q971 OSRAM-LY-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q976 OSRAM-LY-Q976 Datasheet
242Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com