전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0149 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0149
상세설명  SSOP-32 to DIP-32 SMT Adapter (0.635 mm pitch, 10.3 x 7.5 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0149 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0149 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0149 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
SSOP-32 to DIP-32 SMT Adapter (0.635 mm pitch, 10.3 x 7.5 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
7.40
B
1.90
C
0.40
D
0.235
E
0.635
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2014 Proto Advantage
A
B
C
D
E
IIIP
P
PC
C
C0
0
01
1
14
4
49
9
9


유사한 부품 번호 - IPC0149

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0140 PROTOADVANTAGE-IPC0140 Datasheet
43Kb / 2P
SSOP-36 to DIP-36 SMT Adapter (0.8 mm pitch, 15.4 x 7.5 mm body)
revision 1.0
IPC0141 PROTOADVANTAGE-IPC0141 Datasheet
44Kb / 2P
PowerSSO-36 to DIP-40 SMT Adapter (0.5 mm pitch, 10.35 x 7.5 mm body)
revision 1.0
IPC0142 PROTOADVANTAGE-IPC0142 Datasheet
43Kb / 2P
SOP-8 to DIP-8 SMT Adapter (2.54 mm pitch, 9.5 x 6.62 mm body)
revision 1.0
IPC0142C PROTOADVANTAGE-IPC0142C Datasheet
183Kb / 2P
SOP-8 to DIP-8 SMT Adapter (2.54 mm pitch, 9.5 x 6.62 mm body) Compact Series
revision 1.0
IPC0143 PROTOADVANTAGE-IPC0143 Datasheet
44Kb / 2P
QFN-16 to DIP-20 SMT Adapter (0.65 mm pitch, 4 x 4 mm body)
revision 1.0
More results

유사한 설명 - IPC0149

제조업체부품명데이터시트상세설명
logo
Aries Electronics, Inc.
14-351000-10 ARIES-14-351000-10 Datasheet
640Kb / 1P
SSOP-to-DIP Adapter
14-651000-10-P ARIES-14-651000-10-P Datasheet
656Kb / 1P
SSOP-to-DIP Adapter
logo
Schurter Inc.
231685 SCHURTER-231685 Datasheet
213Kb / 1P
Clip, 6.3 x 32 mm
0751.0500 SCHURTER-0751.0500 Datasheet
410Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
0751.0500 SCHURTER-0751.0500_16 Datasheet
260Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
logo
Aries Electronics, Inc.
18036 ARIES-18036 Datasheet
702Kb / 1P
Series 351000 SSOP-to-DIP Adapter
18037 ARIES-18037 Datasheet
722Kb / 1P
Series 651000 SSOP-to-DIP Adapter
logo
Schurter Inc.
CSO SCHURTER-CSO Datasheet
256Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO_18 Datasheet
289Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO_V01 Datasheet
329Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com