전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMMT493-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 FMMT493-HF
상세설명  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FMMT493-HF 데이터시트(HTML) 2 Page - Comchip Technology

  FMMT493-HF Datasheet HTML 1Page - Comchip Technology FMMT493-HF Datasheet HTML 2Page - Comchip Technology FMMT493-HF Datasheet HTML 3Page - Comchip Technology FMMT493-HF Datasheet HTML 4Page - Comchip Technology FMMT493-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-base breakdown voltage
0.1
IC = 100μA, IE = 0
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Collector cut-off current
DC current gain (Note 1)
Transition frequency
Collector output capacitance
IC = 10mA, IB = 0
IE = 100μA, IC = 0
VCB = 100V, IE = 0
VCES = 100V, IE = 0
VCE = 10V, IC = 1mA
IC = 500mA, IB = 50mA
VCE = 10V, IC = 50mA, f = 100MHZ
VCB = 10V, IE = 0, f = 1MHZ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
ICES
hFE(1)
VCE(sat) 1
fT
Cob
100
120
5
0.1
100
0.3
10
V
V
V
µA
µA
V
MHZ
P
F
VCE = 10V, IC = 250mA
hFE(2)
100
IC = 1A, IB = 100mA
VBE(sat)
1.15
V
Typ
150
Emitter cut-off current
VEB = 4V, IC = 0
IEBO
0.1
µA
VCE = 10V, IC = 0.5A
hFE(3)
300
60
VCE = 10V, IC = 1A
hFE(4)
20
IC = 1A, IB = 100mA
VCE(sat) 2
0.6
V
VCE = 10V, IC = 1A
VBE
1
V
General Purpose Transistor
Rating and Characteristic Curves (FMMT493-HF)
Comchip Technology CO., LTD.
Page 2
QW-JTR143
Collector-emitter saturation voltage
(Note 1)
Base-emitter saturation voltage
(Note 1)
Base-emitter voltage (Note 1)
Note: 1. Pulse test: pulse width ≤ 300µs, duty cycle ≤ 2.0%.
0
2
4
6
8
10
12
14
0
2
4
6
8
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
Common emitter
Ta=25°C
IB=3µA
6µA
9µA
12µA
15µA
18µA
21µA
24µA
27µA
30µA
1
10
100
1000
300
350
400
Fig.2 - hFE ― IC
Collector Current, IC (mA)
200
250
150
100
Ta=25°C
Ta=100°C
VCE=10V
REV:B



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com