전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS6744 데이터시트(PDF) 2 Page - amphenol-sensors

부품명 JS6744
상세설명  Self-Adhering Surface Temperature Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOLADVANCEDSENSORS [amphenol-sensors]
홈페이지  https://www.amphenol-sensors.com/en/
Logo AMPHENOLADVANCEDSENSORS - amphenol-sensors

JS6744 데이터시트(HTML) 2 Page - amphenol-sensors

  JS6744 Datasheet HTML 1Page - amphenol-sensors JS6744 Datasheet HTML 2Page - amphenol-sensors JS6744 Datasheet HTML 3Page - amphenol-sensors JS6744 Datasheet HTML 4Page - amphenol-sensors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The sensors are designed to work in predominantly dry
environments and are particularly suited for domestic
applications where they can be positioned between
the water tank and an insulating jacket as shown. The
sensors should NOT be used externally where they can
be subjected to wind, rain and direct sun.
Residual oil on the surface of a metallic tank, resulting
from a drawing process, can cause a loss of adhesion.
Oil residuals should be cleaned away before the
application of the sensor.
Placement on Water Heater Tank
Product Applications



Html Pages

1 2 3 4