전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDSP1601 데이터시트(PDF) 2 Page - Mitel Networks Corporation

부품명 PDSP1601
상세설명  ALU and Barrel Shifter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITEL [Mitel Networks Corporation]
홈페이지  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP1601 데이터시트(HTML) 2 Page - Mitel Networks Corporation

  PDSP1601_96 Datasheet HTML 1Page - Mitel Networks Corporation PDSP1601_96 Datasheet HTML 2Page - Mitel Networks Corporation PDSP1601_96 Datasheet HTML 3Page - Mitel Networks Corporation PDSP1601_96 Datasheet HTML 4Page - Mitel Networks Corporation PDSP1601_96 Datasheet HTML 5Page - Mitel Networks Corporation PDSP1601_96 Datasheet HTML 6Page - Mitel Networks Corporation PDSP1601_96 Datasheet HTML 7Page - Mitel Networks Corporation PDSP1601_96 Datasheet HTML 8Page - Mitel Networks Corporation PDSP1601_96 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PDSP1601/PDSP1601A
2
AC pin
C6
A6
A5
B5
C5
A4
B4
A3
A2
B3
A1
B2
C2
B1
C1
D2
D1
E3
E2
E1
F1
PIN DESCRIPTION
AC pin
F3
G3
G1
G2
F1
H1
H2
J1
K1
J2
L1
K2
K3
L2
L3
K4
L4
J5
K5
L5
K6
AC pin
J6
J7
L7
K7
L6
L8
K8
L9
L10
K9
L11
K10
J10
K11
J11
H10
H11
F10
G10
G11
G9
AC pin
F9
F11
E11
E10
E9
D11
D10
C11
B11
C10
A11
B10
B9
A10
A9
B8
A8
B6
B7
A7
C7
LC pin
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
Function
GND
C8
C9
C10
C11
C12
C13
C14
C15
OE
BFP
VCC
CO
RA0
RA1
RA2
CI
IA0
IA1
IA2
IA3
Function
IS0
IS1
IS2
IS3
SV0
SV1
SV2
SV3
SVOE
RS0
RS1
VCC
RS2
C0
C1
C2
C3
C4
C5
C6
C7
LC pin
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
Function
GND
MSA0
MSA1
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
CEA
MSC
LC pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Function
IA4
MSB
MSS
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
CEB
CLK
LC pin
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
GG
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
GG
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
SIG
N/C
N/C
N/C
N/C
VCC
C0
RA0
RA1
RA2
CI
IA0
IA1
IA2
IA3
IA4
MSB
MSS
B15
B14
B13
B12
B11
B10
B9
B8
SIG
N/C
N/C
N/C
N/C
B7
B6
B5
B4
B3
B2
B1
B0
CEB
CLK
GND
MSA0
MSA1
A15
A14
A13
A12
A11
A10
A9
A8
SIG
N/C
N/C
N/C
N/C
A7
A6
A5
A4
A3
A2
A1
A0
CEA
MSC
IS0
IS1
IS2
IS3
SV0
SV1
SV2
SV3
SVOE
RS0
RS1
GG
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
SIG
N/C
N/C
N/C
N/C
VCC
RS2
C0
C1
C2
C3
C4
C5
C6
C7
GND
C8
C9
C10
C11
C12
C13
C14
C15
OE
BFP
GG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
N/C = not connected - leave open circuit
All GND and VDD pin must be used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18