| 전자부품 데이터시트 검색엔진 |
|
PDSP1601A 데이터시트(PDF) 2 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
PDSP1601A 데이터시트(HTML) 2 Page - Mitel Networks Corporation |
|
2 / 18 page ![]() PDSP1601/PDSP1601A 2 AC pin C6 A6 A5 B5 C5 A4 B4 A3 A2 B3 A1 B2 C2 B1 C1 D2 D1 E3 E2 E1 F1 PIN DESCRIPTION AC pin F3 G3 G1 G2 F1 H1 H2 J1 K1 J2 L1 K2 K3 L2 L3 K4 L4 J5 K5 L5 K6 AC pin J6 J7 L7 K7 L6 L8 K8 L9 L10 K9 L11 K10 J10 K11 J11 H10 H11 F10 G10 G11 G9 AC pin F9 F11 E11 E10 E9 D11 D10 C11 B11 C10 A11 B10 B9 A10 A9 B8 A8 B6 B7 A7 C7 LC pin 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 Function GND C8 C9 C10 C11 C12 C13 C14 C15 OE BFP VCC CO RA0 RA1 RA2 CI IA0 IA1 IA2 IA3 Function IS0 IS1 IS2 IS3 SV0 SV1 SV2 SV3 SVOE RS0 RS1 VCC RS2 C0 C1 C2 C3 C4 C5 C6 C7 LC pin 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 Function GND MSA0 MSA1 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 CEA MSC LC pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 Function IA4 MSB MSS B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 CEB CLK LC pin 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 GG 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 GG 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 SIG N/C N/C N/C N/C VCC C0 RA0 RA1 RA2 CI IA0 IA1 IA2 IA3 IA4 MSB MSS B15 B14 B13 B12 B11 B10 B9 B8 SIG N/C N/C N/C N/C B7 B6 B5 B4 B3 B2 B1 B0 CEB CLK GND MSA0 MSA1 A15 A14 A13 A12 A11 A10 A9 A8 SIG N/C N/C N/C N/C A7 A6 A5 A4 A3 A2 A1 A0 CEA MSC IS0 IS1 IS2 IS3 SV0 SV1 SV2 SV3 SVOE RS0 RS1 GG 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 SIG N/C N/C N/C N/C VCC RS2 C0 C1 C2 C3 C4 C5 C6 C7 GND C8 C9 C10 C11 C12 C13 C14 C15 OE BFP GG 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 N/C = not connected - leave open circuit All GND and VDD pin must be used |