| 전자부품 데이터시트 검색엔진 |
|
STM32F101C4U6A 데이터시트(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101C4U6A 데이터시트(HTML) 54 Page - STMicroelectronics |
|
54 / 87 page ![]() Electrical characteristics STM32F101x4, STM32F101x6 54/87 DocID15058 Rev 6 All I/Os are CMOS and TTL compliant (no software configuration required). Their characteristics cover more than the strict CMOS-technology or TTL parameters. The coverage of these requirements is shown in Figure 22 and Figure 23 for standard I/Os, and in Figure 24 and Figure 25 for 5 V tolerant I/Os. Figure 22. Standard I/O input characteristics - CMOS port Figure 23. Standard I/O input characteristics - TTL port |