| 전자부품 데이터시트 검색엔진 |
|
STM32F101R6U6ATR 데이터시트(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101R6U6ATR 데이터시트(HTML) 24 Page - STMicroelectronics |
|
24 / 87 page ![]() Pinouts and pin description STM32F101x4, STM32F101x6 24/87 DocID15058 Rev 6 17 23 14 PA7 I/O - PA7 SPI_MOSI(7)/ADC_IN7/ TIM3_CH2(7) - - 24 - PC4 I/O - PC4 ADC_IN14 - - 25 - PC5 I/O - PC5 ADC_IN15 - 18 26 15 PB0 I/O - PB0 ADC_IN8/TIM3_CH3(7) - 19 27 16 PB1 I/O - PB1 ADC_IN9/TIM3_CH4(7) - 20 28 17 PB2 I/O FT PB2/BOOT1 - - 21 29 - PB10 I/O FT PB10 - TIM2_CH3 22 30 - PB11 I/O FT PB11 - TIM2_CH4 23 31 18 VSS_1 S- VSS_1 -- 24 32 19 VDD_1 S- VDD_1 -- 25 33 - PB12 I/O FT PB12 - - 26 34 - PB13 I/O FT PB13 - - 27 35 - PB14 I/O FT PB14 - - 28 36 - PB15 I/O FT PB15 - - - 37 - PC6 I/O FT PC6 - TIM3_CH1 - 38 - PC7 I/O FT PC7 - TIM3_CH2 - 39 - PC8 I/O FT PC8 - TIM3_CH3 - 40 - PC9 I/O FT PC9 - TIM3_CH4 29 41 20 PA8 I/O FT PA8 USART1_CK/MCO - 30 42 21 PA9 I/O FT PA9 USART1_TX(7) - 31 43 22 PA10 I/O FT PA10 USART1_RX(7) - 32 44 23 PA11 I/O FT PA11 USART1_CTS - 33 45 24 PA12 I/O FT PA12 USART1_RTS - 34 46 25 PA13 I/O FT JTMS- SWDIO -PA13 35 47 26 VSS_2 S- VSS_2 -- 36 48 27 VDD_2 S- VDD_2 -- Table 4. Low-density STM32F101xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(3)(4) Default Remap |