전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M29W017D 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 M29W017D
상세설명  16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W017D 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button M29W017D Datasheet HTML 21Page - STMicroelectronics M29W017D Datasheet HTML 22Page - STMicroelectronics M29W017D Datasheet HTML 23Page - STMicroelectronics M29W017D Datasheet HTML 24Page - STMicroelectronics M29W017D Datasheet HTML 25Page - STMicroelectronics M29W017D Datasheet HTML 26Page - STMicroelectronics M29W017D Datasheet HTML 27Page - STMicroelectronics M29W017D Datasheet HTML 28Page - STMicroelectronics M29W017D Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25/36
M29W017D
TFBGA48 8x9mm – 6x8 active ball array – 0.80mm pitch, Bottom View Package Outline
Note: Drawing is not to scale.
TFBGA48 8x9mm – 6x8 active ball array – 0.80mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.350
0.0531
A1
0.300
0.200
0.350
0.0118
0.0079
0.0138
A2
1.000
0.0394
b
0.300
0.550
0.0118
0.0217
D
8.000
7.900
8.100
0.3150
0.3110
0.3189
D1
4.000
0.1575
ddd
0.100
0.0039
e
0.800
0.0315
E
9.000
8.900
9.100
0.3543
0.3504
0.3583
E1
5.600
0.2205
FD
2.000
0.0787
FE
1.700
0.0669
SD
0.400
0.0157
SE
0.400
0.0157
E1
E
D1
D
eb
SD
SE
A2
A1
A
BGA-Z14
ddd
BALL "A1"
FD
FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36