| 전자부품 데이터시트 검색엔진 |
|
KL492AX 데이터시트(PDF) 5 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KL492AX 데이터시트(HTML) 5 Page - APEM |
|
5 / 16 page ![]() 10 TERMINAL VERSION *Function 4 : single pole in double pole case *Function 4 : single pole in double pole case 6 TERMINAL VERSION FICHIER: CKL49DT6S le 30/09/16 ECHELLE: 0.625 (.433) 11.00 25.00 (.984) 47.00 (1.850) CKL49DT6S FICHIER: CKL49DT10S le 30/09/16 ECHELLE: 0.625 (.433) 11.00 U2282 25.00 (.984) 47.00 (1.850) CKL49DT10S Locking power rocker switches KL series FLAT SEAL FLAT SEAL 2-3 5-6 1-2 4-5 Single pole Double pole KL31 KL41 ON - OFF KL44* ON ON ON KL44-1R* ON ON MOM KL35 KL45 MOM - ON KL36 KL46 ON - ON KL37 KL47 MOM OFF MOM KL38 KL48 ON OFF MOM KL39 KL49 ON OFF ON 2-3 5-6 1-2 4-5 Single pole Double pole KL31 KL41 ON - OFF KL44* ON ON ON KL44-1R* ON ON MOM KL35 KL45 MOM - ON KL36 KL46 ON - ON KL37 KL47 MOM OFF MOM KL38 KL48 ON OFF MOM KL39 KL49 ON OFF ON TERMINALS BASIC P/N CASE + LEDS ACTUATOR SCREW 0 6 terminals with barrier SOLDER LUG / QUICK-CONNECT 2 6 terminals with barrier 4 6 terminals w/o barrier A 10 terminals with barrier B 10 terminals w/o barrier C 10 terminals for use with connector U2292 or U3152 (.031) (.118DIAx0.50 IS) Ø3.00x0.50 SI 0.80 6.35 (.25) screw (.122DIA) Ø3.10 (.25x.031) 6.35x0.80 Solder lug / quick-connect 5 |