전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KL34FSK 데이터시트(PDF) 16 Page - APEM

부품명 KL34FSK
상세설명  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APEM [APEM]
홈페이지  www.apem.com
Logo APEM - APEM

KL34FSK 데이터시트(HTML) 16 Page - APEM

Back Button KL34FSK Datasheet HTML 8Page - APEM KL34FSK Datasheet HTML 9Page - APEM KL34FSK Datasheet HTML 10Page - APEM KL34FSK Datasheet HTML 11Page - APEM KL34FSK Datasheet HTML 12Page - APEM KL34FSK Datasheet HTML 13Page - APEM KL34FSK Datasheet HTML 14Page - APEM KL34FSK Datasheet HTML 15Page - APEM KL34FSK Datasheet HTML 16Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Power rocker switches and indicators •
symbols and accessories
K range
U2260
45.00
(1.772)
CKRU2260-A
1
(1.441)
36.60
CKRU2280-A
1
36.60
(1.441)
CKRU2290-A
U2292
U2282
U3152
CONNECTORS
Standard color : black. Other colors : on request. Connectors cannot be combined with wiring types H and I.
U2260 6 terminal version. For use with terminals type 2, 3, 4 or 5.
6.35 (1/4) tabs to be fitted by the user (example : TE42282-2).
Can be used for the KG series.
U2282 10 terminal version. For use with terminals type H or J.
2.8 (.110) tabs to be fitted by the user (example : AMP/Tyco 0-927779-3).
U2292 10 terminal version : For use with terminals type B, C, E or F.
6.35 (1/4) tabs to be fitted by the user (example : TE42282-2).
U3152 10 terminal version. For use with terminals type B, C, E or F.
6.35 (1/4) tabs to be fitted by the user (example : "Timer" terminals TE927833-2)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16