| 전자부품 데이터시트 검색엔진 |
|
R8152S049B 데이터시트(PDF) 2 Page - Nisshinbo Micro Devices Inc. |
|
|
|||||||||||||||||||||||||||||
R8152S049B 데이터시트(HTML) 2 Page - Nisshinbo Micro Devices Inc. |
|
2 / 28 page ![]() R8152x NO. EC-238-180730 2 BLOCK DIAGRAMS R8152xxxxB VDD VOUT CE GND Current Limit Short Protection Vref Thermal Shutdown Circuit SELECTION GUIDE Output voltage, version, package type, and taping type are user-selectable options. Product Name Package Quantity per Reel Pb Free Halogen Free R8152SxxxB-E2-FE HSOP-6J 1,000 pcs Yes Yes R8152JxxxB-T1-FE TO-252-5-P2 3,000 pcs Yes Yes xxx: Specify the set output voltage (VSET) within the range of 3.0 V to 12.0 V in 0.1 V steps, or 12.5 V to 18.0 V in 0.5 V steps. R8 Automotive Class Code Operating Temperature Range Guaranteed Specs Temperature Range Screening AEC-Q100 −40°C ~ 125°C −40°C ~ 110°C High and Low Temperature Grade 1 |