전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M3488B1 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 M3488B1
상세설명  256 x 256 DIGITAL SWITCHING MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3488B1 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button M3488B1 Datasheet HTML 10Page - STMicroelectronics M3488B1 Datasheet HTML 11Page - STMicroelectronics M3488B1 Datasheet HTML 12Page - STMicroelectronics M3488B1 Datasheet HTML 13Page - STMicroelectronics M3488B1 Datasheet HTML 14Page - STMicroelectronics M3488B1 Datasheet HTML 15Page - STMicroelectronics M3488B1 Datasheet HTML 16Page - STMicroelectronics M3488B1 Datasheet HTML 17Page - STMicroelectronics M3488B1 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DIP40 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN
TYP
MAX
MIN
TYP
MAX
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
52.58
2.070
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
48.26
1.900
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
M3488
17/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18