전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M34A02MN 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 M34A02MN
상세설명  2 Kbit Serial SMBus EEPROM for ACR Card Configuration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34A02MN 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button M34A02MN Datasheet HTML 4Page - STMicroelectronics M34A02MN Datasheet HTML 5Page - STMicroelectronics M34A02MN Datasheet HTML 6Page - STMicroelectronics M34A02MN Datasheet HTML 7Page - STMicroelectronics M34A02MN Datasheet HTML 8Page - STMicroelectronics M34A02MN Datasheet HTML 9Page - STMicroelectronics M34A02MN Datasheet HTML 10Page - STMicroelectronics M34A02MN Datasheet HTML 11Page - STMicroelectronics M34A02MN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
M34A02
8/15
Figure 9. Read Mode Sequences
Note: 1. The seven most significant bits of the Device Select Code of a Random Read (in the 1st and 3rd bytes) must be identical.
DEV SEL *
BYTE ADDR
DEV SEL
DATA OUT 1
AI01942
DATA OUT N
CURRENT
ADDRESS
READ
DEV SEL
DATA OUT
RANDOM
ADDRESS
READ
DEV SEL *
DATA OUT
SEQUENTIAL
CURRENT
READ
DATA OUT N
DEV SEL *
BYTE ADDR
SEQUENTIAL
RANDOM
READ
DEV SEL *
DATA OUT 1
ACK
R/W
NO ACK
ACK
R/W
ACK
ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
ACK
ACK
R/W
ACK
ACK
R/W
ACK
NO ACK
Current Address Read operation, following a Start
condition, the bus master only sends a Device
Select Code with the RW bit set to 1. The device
acknowledges
this,
and
outputs
the
byte
addressed by the internal address counter. The
counter is then incremented. The bus master
terminates the transfer with a Stop condition, as
shown in Figure 8,
without acknowledging the
byte.
Sequential Read
This operation can be used after a Current
Address Read or a Random Address Read. The
bus master
does acknowledge the data byte
Random Address Read
A dummy Write is performed to load the address
into the address counter (as shown in Figure 8) but
without sending a Stop condition. Then, the bus
master sends another Start condition, and repeats
the Device Select Code, with the RW bit set to 1.
The device acknowledges this, and outputs the
contents of the addressed byte. The bus master
must
not acknowledge the byte, and terminates
the transfer with a Stop condition.
Current Address Read
The device has an internal address counter which
is incremented each time a byte is read. For the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15