전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0197 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0197
상세설명  LGA-14 to DIP-14 SMT Adapter (0.5 mm pitch, 2.5 x 3.0 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0197 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0197 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0197 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
LGA-14 to DIP-14 SMT Adapter (0.5 mm pitch, 2.5 x 3.0 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.70
A2
1.20
B
0.80
C
0.28
D
0.22
E
0.50
F
0.300
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2017 Proto Advantage™
B
C
D
E
A
A2
IIP
PC
C0
01
19
97
7


유사한 부품 번호 - IPC0197

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0191 PROTOADVANTAGE-IPC0191 Datasheet
108Kb / 2P
RN42 to DIP-32 SMT Adapter (1.2 mm pitch, 25.8 x 13.4 mm body)
revision 1.0
IPC0191-S PROTOADVANTAGE-IPC0191-S Datasheet
105Kb / 1P
RN42 Stencil (1.2 mm pitch, 25.8 x 13.4 mm body)
revision 1.0
IPC0192 PROTOADVANTAGE-IPC0192 Datasheet
108Kb / 2P
QFN-36 to DIP-42 SMT Adapter (0.9 mm pitch, 9 x 11 mm body)
revision 1.0
IPC0193 PROTOADVANTAGE-IPC0193 Datasheet
107Kb / 2P
PLCC-68 to DIP-68 SMT Adapter (1.27 mm pitch, 25 x 25 mm body)
revision 1.0
IPC0194 PROTOADVANTAGE-IPC0194 Datasheet
106Kb / 2P
LGA-14 to DIP-14 SMT Adapter (0.8 mm pitch, 5.6 x 2.8 mm body)
revision 1.0
More results

유사한 설명 - IPC0197

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
VCE1 ETC1-VCE1 Datasheet
135Kb / 2P
VCE1 14 x 9.8 mm Crystal Oscillators
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
Schurter Inc.
MAT SCHURTER-MAT Datasheet
155Kb / 3P
Special Fuse, 14 x 50 mm
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
logo
Vectron International, ...
VPE1-B1B-40M000 VECTRON-VPE1-B1B-40M000 Datasheet
118Kb / 2P
VPE1 14 x 9.8 mm Crystal Oscillators
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
Cooper Bussmann, Inc.
PV-15A14F COOPER-PV-15A14F Datasheet
90Kb / 3P
14 x 51 mm Photovoltaic fuse links
logo
List of Unclassifed Man...
PV-15A14F ETC1-PV-15A14F Datasheet
90Kb / 3P
14 x 51 mm Photovoltaic fuse links
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
14 x 65 mm Photovoltaic fuse links
logo
FIBOX Enclosing innovat...
4712053 FIBOX-4712053 Datasheet
47Kb / 1P
Spacer 14 mm
26.07.2023
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com