| 전자부품 데이터시트 검색엔진 |
|
PQ254 데이터시트(PDF) 21 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PQ254 데이터시트(HTML) 21 Page - Pico Technology Ltd. |
|
21 / 42 page ![]() PicoScope® 6000E Series Digital triggering architecture Many digital oscilloscopes still use an analog trigger architecture based on comparators. This causes time and amplitude errors that cannot always be calibrated out and often limits the trigger sensitivity at high bandwidths. In 1991 Pico pioneered the use of fully digital triggering using the actual digitized data. This technique reduces trigger errors and allows our oscilloscopes to trigger on the smallest signals, even at the full bandwidth. Trigger levels and hysteresis can be set with high precision and resolution. Advanced triggers The PicoScope 6000E Series offers a set of advanced trigger types including pulse width, runt pulse, windowed, rise/fall time, logic and dropout. The digital trigger available during MSO operation allows you to trigger the scope when any or all of the 16 digital inputs match a user-defined pattern. You can specify a condition for each channel individually, or set up a pattern for all channels at once using a binary value. You can also use the logic trigger to combine the digital trigger with an edge or window trigger on any of the analog inputs, for example to trigger on data values in a clocked parallel bus. Actions PicoScope can be programmed to execute actions when certain events occur. Events that can trigger an action include mask limit fails, trigger events and buffers full. The actions that PicoScope can execute include: • Stop the capture • Save waveform to disk • Play a sound • Trigger signal generator or AWG • Run an external application or script Actions, coupled with mask limit testing, help create a powerful and time-saving waveform monitoring tool. Capture a known good signal, auto-generate a mask around it and then use the actions to automatically save any waveform (complete with a time/date stamp) that does not meet specification. |