전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M34S32WMN6T 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 M34S32WMN6T
상세설명  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32WMN6T 데이터시트(HTML) 2 Page - STMicroelectronics

  M34S32WMN6T Datasheet HTML 1Page - STMicroelectronics M34S32WMN6T Datasheet HTML 2Page - STMicroelectronics M34S32WMN6T Datasheet HTML 3Page - STMicroelectronics M34S32WMN6T Datasheet HTML 4Page - STMicroelectronics M34S32WMN6T Datasheet HTML 5Page - STMicroelectronics M34S32WMN6T Datasheet HTML 6Page - STMicroelectronics M34S32WMN6T Datasheet HTML 7Page - STMicroelectronics M34S32WMN6T Datasheet HTML 8Page - STMicroelectronics M34S32WMN6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
M34S32
Figure 3. DIP Pin Connections
Table 2. Absolute Maximum Ratings(1)
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
TLEAD
Lead Temperature, Soldering
(SO8 package)
40 sec
215
°C
(PSDIP8
package)
10 sec
260
°C
VIO
Input or Output Voltages
–0.6 to 6.5
V
VCC
Supply Voltage
–0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage
(Human Body model)
1. MIL-STD-883C, 3015.7 (100 pF,
1500
Ω)
4000
V
Electrostatic Discharge Voltage
(Machine model)
2. EIAJ
IC-121
(Condition
C)
(200 pF, 0
Ω)
500
V
Note: 1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
SDA
VSS
SCL
WC
NC
NC
VCC
WCR
AI02448
M34S32
1
2
3
4
8
7
6
5
Figure 4. SO Pin Connections
1
AI02449
2
3
4
8
7
6
5
SDA
VSS
SCL
WC
NC
NC
VCC
WCR
M34S32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18