| 전자부품 데이터시트 검색엔진 |
|
LF52ABPT 데이터시트(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LF52ABPT 데이터시트(HTML) 13 Page - STMicroelectronics |
|
13 / 32 page ![]() ELECTRICAL CHARACTERISTICS FOR LF45AB (refer to the test circuits, Tj =25 oC, Ci = 0.1 µF, Co = 2.2 µF unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Vo Output Voltage Io =50 mA, Vi = 6.5 V Io =50 mA, Vi = 6.5 V -25<Ta<85 oC 4.455 4.410 4.5 4. 545 4. 590 V V Vi Operating Input Voltage Io = 500 mA 16 V Iout Output Current Limit 1 A ∆Vo Line Regulation Vi = 5.5 to 16 V, Io = 5 mA 4 22 mV ∆Vo Load Regulation Vi = 5.8 V Io = 5 to 500 mA 4 22 mV Id Quiescent Current ON MODE Vi = 5.5 to 16 V Io =0 mA Vi = 5.8 to 16 V Io = 500 mA 0.5 1 12 mA mA OFF MODE Vi =6 V 50 100 µA SVR Supply Voltage Rejection Io = 5 mA Vi = 6.5 V ± 1V f = 120 Hz f= 1 KHz f = 10 KHz 77 72 60 dB dB dB eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage Io = 200 mA Io = 500 mA 0.2 0.4 0.35 0.70 V V Vil Control Input Logic Low -40 < Ta <125 oC0.8 V Vih Control Input Logic High -40 < Ta <125 oC2 V Ii Control Input Current Vi = 6 V, Vc =6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω Io = 0 to 500 mA 210 µF ELECTRICAL CHARACTERISTICS FOR LF45C (refer to the test circuits, Tj =25 oC, Ci = 0.1 µF, Co = 2.2 µF unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Vo Output Voltage Io =50 mA, Vi = 6.5 V Io =50 mA, Vi = 6.5 V -25<Ta<85 oC 4.41 4.32 4.5 4.59 4.68 V V Vi Operating Input Voltage Io = 500 mA 16 V Iout Output Current Limit 1 A ∆Vo Line Regulation Vi = 5.5 to 16 V, Io = 5 mA 4 22 mV ∆Vo Load Regulation Vi = 5.8 V Io = 5 to 500 mA 4 22 mV Id Quiescent Current ON MODE Vi = 5.5 to 16 V Io =0 mA Vi = 5.8 to 16 V Io = 500 mA 0.5 1 12 mA mA OFF MODE Vi =6 V 50 100 µA SVR Supply Voltage Rejection Io = 5 mA Vi = 6.5 V ± 1V f = 120 Hz f= 1 KHz f = 10 KHz 77 72 60 dB dB dB eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage Io = 200 mA Io = 500 mA 0.2 0.4 0.35 0.70 V V Vil Control Input Logic Low -40 < Ta <125 oC0.8 V Vih Control Input Logic High -40 < Ta <125 oC2 V Ii Control Input Current Vi = 6 V, Vc =6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω Io = 0 to 500 mA 210 µF LF00AB/C 13/32 |