| 전자부품 데이터시트 검색엔진 |
|
LF60ABPT 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LF60ABPT 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 34 page ![]() LF00 SERIES 19/34 ELECTRICAL CHARACTERISTICS FOR LF60C (refer to the test circuits, Tj = 25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) ELECTRICAL CHARACTERISTICS FOR LF80AB (refer to the test circuits, Tj =25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 50 mA, VI = 8 V 5.88 6 6.12 V IO = 50 mA, VI =8 V, Ta = -25 to 85°C 5.76 6.24 VI Operating Input Voltage IO = 500 mA 16 V IO Output Current Limit 1 A ∆V O Line Regulation VI = 7 to 16 V, IO = 5 mA 6 30 mV ∆V O Load Regulation VI = 7.3 V, IO = 5 to 500 mA 6 30 mV Id Quiescent Current VI = 7 to 16V, IO = 0mA ON MODE 0.7 1.5 mA VI = 7.3 to 16V, IO = 500mA 12 VI = 9 V OFF MODE 70 140 µA SVR Supply Voltage Rejection IO =5mA VI =8 ± 1 V f = 120 Hz 75 dB f= 1KHz 70 f = 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =9 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO =0 to 500mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 50 mA, VI = 10 V 7.92 8 8.08 V IO = 50 mA, VI =10 V,Ta = -25 to 85°C 7.84 8.16 VI Operating Input Voltage IO = 500 mA 16 V IO Output Current Limit 1 A ∆V O Line Regulation VI = 9 to 16 V, IO = 5 mA 8 40 mV ∆V O Load Regulation VI = 9.3 V, IO = 5 to 500 mA 8 40 mV Id Quiescent Current VI = 9 to 16V, IO = 0mA ON MODE 0.7 1.5 mA VI = 9.3 to 16V, IO = 500mA 12 VI = 9 V OFF MODE 70 140 µA SVR Supply Voltage Rejection IO =5mA VI =10 ± 1V f = 120 Hz 72 dB f= 1KHz 67 f = 10 KHz 57 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =9 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO =0 to 500mA 2 10 µF |