전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC12864ARN-F 데이터시트(PDF) 13 Page - Powertip Technology

부품명 PC12864ARN-F
상세설명  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERTIP [Powertip Technology]
홈페이지  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARN-F 데이터시트(HTML) 13 Page - Powertip Technology

Back Button PC12864ARN-F Datasheet HTML 9Page - Powertip Technology PC12864ARN-F Datasheet HTML 10Page - Powertip Technology PC12864ARN-F Datasheet HTML 11Page - Powertip Technology PC12864ARN-F Datasheet HTML 12Page - Powertip Technology PC12864ARN-F Datasheet HTML 13Page - Powertip Technology PC12864ARN-F Datasheet HTML 14Page - Powertip Technology PC12864ARN-F Datasheet HTML 15Page - Powertip Technology PC12864ARN-F Datasheet HTML 16Page - Powertip Technology PC12864ARN-F Datasheet HTML 17Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
PROFILE
NEWS
TECHNICAL
PRODUCTS
STOCKING
DISTRIBUTOR
SALES
NETWORK
CONTACT
US
Interface With MPU
Example of interfacing to an 8-bit MPU(Z80)
Example of interfacing to a 4-bit MPU
If interface data is 4-bits long
If interface data is 8-bits long
Example of interfacing to an 8-bit MPU(Z80)
Example of interface to a 4-bit MPU
Interface to a 4-bit MPU can be made through the I/O port of the 4-bit MPU. If there are sufficient I/O ports,
data can be transferred at 8-bit cycles, however, if there are not, data transfer can be accomplished by two
cycles of 4-bit transfers (select interface as 4-bits long). Please take into account that 2 cycles of the BF check
will be necessary and the timing sequence will prove to be complicated.
Page 1 of 3
Powertip Technology, Inc.
11/10/2004
http://www.powertipusa.com/mpu.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65