전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T56M6F 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 M41T56M6F
상세설명  512 bit 64b x8 Serial Access TIMEKEEPER SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56M6F 데이터시트(HTML) 5 Page - STMicroelectronics

  M41T56M6F Datasheet HTML 1Page - STMicroelectronics M41T56M6F Datasheet HTML 2Page - STMicroelectronics M41T56M6F Datasheet HTML 3Page - STMicroelectronics M41T56M6F Datasheet HTML 4Page - STMicroelectronics M41T56M6F Datasheet HTML 5Page - STMicroelectronics M41T56M6F Datasheet HTML 6Page - STMicroelectronics M41T56M6F Datasheet HTML 7Page - STMicroelectronics M41T56M6F Datasheet HTML 8Page - STMicroelectronics M41T56M6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
M41T56
Summary description
5/28
1
Summary description
The M41T56 is a low power, Serial Real Time Clock with 56 bytes of NVRAM. A built-in
32,768Hz oscillator (external crystal controlled) and the first 8 bytes of the RAM are used for
the clock/calendar function and are configured in binary coded decimal (BCD) format.
Addresses and data are transferred serially via a two-line, bi-directional bus. The built-in
address register is incremented automatically after each WRITE or READ data byte.
The M41T56 clock has a built-in power sense circuit which detects power failures and
automatically switches to the battery supply during power failures. The energy needed to
sustain the RAM and clock operations can be supplied from a small lithium coin cell.
Typical data retention time is in excess of 10 years with a 50mAh, 3V lithium cell. The
M41T56 is supplied in an 8-lead Plastic SOIC package or a 28-lead SNAPHAT® package.
The 28-pin, 330mil SOIC provides sockets with gold plated contacts at both ends for direct
connection to a separate SNAPHAT housing containing the battery and crystal. The unique
design allows the SNAPHAT battery package to be mounted on top of the SOIC package
after the completion of the surface mount process. Insertion of the SNAPHAT housing after
reflow prevents potential battery and crystal damage due to the high temperatures required
for device surface-mounting. The SNAPHAT housing is keyed to prevent reverse insertion.
The SOIC and battery/crystal packages are shipped separately in plastic anti-static tubes or
in Tape & Reel form.
For the 28-lead SOIC, the battery/crystal package (e.g., SNAPHAT) part number is “M4Txx-
BR12SH” (see Table 16 on page 26).
Caution:
Do not place the SNAPHAT battery/crystal package “M4Txx-BR12SH” in conductive foam
as this will drain the lithium button-cell battery.
Figure 1.
Logic diagram
AI02304B
OSCI
VCC
M41T56
VSS
SCL
OSCO
SDA
FT/OUT
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28