전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS12801ARS-F 데이터시트(PDF) 25 Page - Powertip Technology

부품명 PS12801ARS-F
상세설명  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERTIP [Powertip Technology]
홈페이지  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS12801ARS-F 데이터시트(HTML) 25 Page - Powertip Technology

Back Button PS12801ARS-F Datasheet HTML 21Page - Powertip Technology PS12801ARS-F Datasheet HTML 22Page - Powertip Technology PS12801ARS-F Datasheet HTML 23Page - Powertip Technology PS12801ARS-F Datasheet HTML 24Page - Powertip Technology PS12801ARS-F Datasheet HTML 25Page - Powertip Technology PS12801ARS-F Datasheet HTML 26Page - Powertip Technology PS12801ARS-F Datasheet HTML 27Page - Powertip Technology PS12801ARS-F Datasheet HTML 28Page - Powertip Technology PS12801ARS-F Datasheet HTML 29Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
ST7066U
V2.0
2001/03/01
2/42
ST7066 Serial Specification Revision History
Version
Date
Description
1.7
2000/10/31
1. Added 8051 Example Program Code(Page 21,23)
2. Added Annotated Flow Chart :
“BF cannot be checked before this instruction”
3. Changed Maximum Ratings
Power Supply Voltage:+5.5V →+7.0V(Page 28)
1.8
2000/11/14 Added QFP Pad Configuration(Page 5)
1.8a
2000/11/30
1. Moved QFP Package Dimensions(Page 39) to Page 5
2. Changed DC Characteristics Ratings(Page 32,33)
2.0
2001/03/01 Transition to ST7066U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com