| 전자부품 데이터시트 검색엔진 |
|
M48T129V 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48T129V 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 22 page ![]() M48T129Y, M48T129V 2/22 Figure 2. DIP Connections A1 A0 DQ0 A7 A4 A3 A2 A6 A5 A13 A10 A8 A9 DQ7 A15 A11 G E DQ5 DQ1 DQ2 DQ3 VSS DQ4 DQ6 A16 RST VCC AI02261 10 1 2 5 6 7 8 9 11 12 13 14 15 16 30 29 26 25 24 23 22 21 20 19 18 17 A12 A14 W IRQ/FT 3 4 28 27 32 31 M48T129Y M48T129V Table 2. Absolute Maximum Ratings (1) Note: 1. Stresses greater than those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to the absolute maximum rating conditions for extended periods of time may affect reliability. 2. Soldering temperature not to exceed 260 °C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds). CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode. Symbol Parameter Value Unit TA Ambient Operating Temperature 0 to 70 °C TSTG Storage Temperature (VCC Off, Oscillator Off) –40 to 85 °C VIO Input or Output Voltages –0.3 to VCC+0.3 V VCC Supply Voltage M48T129Y –0.3 to 7.0 V M48T129V –0.3 to 4.6 V IO Output Current 20 mA PD Power Dissipation 1 W For surface mount environments ST provides a Chip Set solution consisting of a 44 pin 330mil SOIC TIMEKEEPER Supervisor (M48T201V/Y) and a 32 pin TSOP (8 x 20mm) LPSRAM (M68Z128/W) packages. The 44 pin 330mil SOIC provides sockets with gold plated contacts at both ends for direct con- nection to a separate SNAPHAT housing contain- ing the battery. The unique design allows the SNAPHAT battery package to be mounted on top of the SOIC pack- age after the completion of the surface mount pro- Table 1. Signal Names A0-A16 Address Inputs DQ0-DQ7 Data Inputs / Outputs E Chip Enable Input G Output Enable Input W Write Enable Input RST Reset Output (open drain) IRQ/FT Interrupt / Frequency Test Output (open drain) VCC Supply Voltage VSS Ground DESCRIPTION The M48T129Y/V TIMEKEEPER RAM is a 128Kb x 8 non-volatile static RAM and real time clock, with programmable alarms and a watchdog timer. The special DIP package provides a fully integrat- ed battery back-up memory and real time clock so- lution. The M48T129Y/V directly replaces industry standard 128Kb x 8 SRAM. It also provides the non-volatility of Flash without any requirement for special write timing or limitations on the number of writes that can be performed. |