전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M48T86PC 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 M48T86PC
상세설명  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86PC 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button M48T86PC Datasheet HTML 14Page - STMicroelectronics M48T86PC Datasheet HTML 15Page - STMicroelectronics M48T86PC Datasheet HTML 16Page - STMicroelectronics M48T86PC Datasheet HTML 17Page - STMicroelectronics M48T86PC Datasheet HTML 18Page - STMicroelectronics M48T86PC Datasheet HTML 19Page - STMicroelectronics M48T86PC Datasheet HTML 20Page - STMicroelectronics M48T86PC Datasheet HTML 21Page - STMicroelectronics M48T86PC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
M48T86
18/23
Figure 14. Supply Voltage Protection
AI02169
VCC
0.1
µF
DEVICE
VCC
VSS
POWER SUPPLY DECOUPLING
and UNDERSHOOT PROTECTION
ICC transients, including those produced by output
switching, can produce voltage fluctuations, re-
sulting in spikes on the VCC bus. These transients
can be reduced if capacitors are used to store en-
ergy, which stabilizes the VCC bus. The energy
stored in the bypass capacitors will be released as
low going spikes are generated or energy will be
absorbed when overshoots occur. A ceramic by-
pass capacitor value of 0.1µF (as shown in Figure
14) is recommended in order to provide the need-
ed filtering.
In addition to transients that are caused by normal
SRAM operation, power cycling can generate neg-
ative voltage spikes on VCC that drive it to values
below VSS by as much as one Volt. These nega-
tive spikes can cause data corruption in the SRAM
while in battery backup mode. To protect from
these voltage spikes, it is recommended to con-
nect a schottky diode from VCC to VSS (cathode
connected to VCC, anode to VSS). Schottky diode
1N5817 is recommended for through hole and
MBRS120T3 is recommended for surface mount.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23