전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC260W01 데이터시트(PDF) 17 Page - LG Semicon Co.,Ltd.

부품명 LC260W01
상세설명  26.0??WXGA TFT LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LG [LG Semicon Co.,Ltd.]
홈페이지  
Logo LG - LG Semicon Co.,Ltd.

LC260W01 데이터시트(HTML) 17 Page - LG Semicon Co.,Ltd.

Back Button LC260W01 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 21Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Product Specification
17 / 27
LC260W01
Liquid Crystal Display
Ver. 0.0
Dec. 10, 2003
Notes : 1. Contrast Ratio(CR) is defined mathematically as :
Surface Luminance with all white pixels
Contrast Ratio =
Surface Luminance with all black pixels
Surface luminance is the center point(1).
2. Surface luminance is the center point(1) across the LCD surface 50cm from the surface with all
pixels displaying white under the condition of IBL=6mArms. For more information see FIG 1.
3. The variation in surface luminance ,
δ WHITE is defined by measuring LON at watch test
position 1 through 5, and then dividing maximum LON of 5 points luminance by minimum LON of
each 5points luminance. For more information see FIG 2.
δ WHITE = Maximum (LON1, LON2, ........, LON5 ) / Minimum (LON1, LON2, ........, LON5 )
4. Response time is the time required for the display to transition from black to white (Rise Time,
TrR) and from white to black (Decay Time, TrD). For additional information see FIG 3.
5. Viewing angle is the angle at which the contrast ratio is greater than 10. The angles are
determined for the horizontal or x axis and the vertical or y axis with respect to the z axis which
is normal to the LCD surface. For more information see FIG 4.
6. Gray scale specification
Gamma Value is approximately 2.2. For more information see Table 11.
100
86.4
75.4
63.7
53.0
43.5
35.2
27.7
21.2
16.0
11.7
7.80
4.68
2.50
1.20
0.65
0.30
L0
L239
L255
L159
L175
L191
L207
L111
L127
L143
L223
L47
L63
L79
L95
L31
L15
Luminance [%] (Typ)
Gray Level
Table 11. Gray Scale Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com