전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M50LPW002K 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 M50LPW002K
상세설명  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW002K 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button M50LPW002K Datasheet HTML 31Page - STMicroelectronics M50LPW002K Datasheet HTML 32Page - STMicroelectronics M50LPW002K Datasheet HTML 33Page - STMicroelectronics M50LPW002K Datasheet HTML 34Page - STMicroelectronics M50LPW002K Datasheet HTML 35Page - STMicroelectronics M50LPW002K Datasheet HTML 36Page - STMicroelectronics M50LPW002K Datasheet HTML 37Page - STMicroelectronics M50LPW002K Datasheet HTML 38Page - STMicroelectronics M50LPW002K Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
35/39
M50LPW002
Figure 19. Erase Suspend and Resume Flowchart, and Pseudo Code
Write 70h
AI03410
Read Status
Register
YES
NO
b7 = 1
YES
NO
b6 = 1
Erase Continues
Program/Erase Suspend command:
– write B0h
– write 70h
do:
– read Status Register
while b7 = 1
If b6 = 0, Erase completed
Write D0h
Read data from
another block
or
Program
Start
Write B0h
Erase Complete
Write FFh
Read Data
Program/Erase Resume command:
– write D0h to resume erase
– if the Erase operation completed
then this is not necessary.
The device returns to Read as
normal (as if the Program/Erase
suspend was not issued).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39