전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M5482B7 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 M5482B7
상세설명  LED DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5482B7 데이터시트(HTML) 5 Page - STMicroelectronics

  M5482B7 Datasheet HTML 1Page - STMicroelectronics M5482B7 Datasheet HTML 2Page - STMicroelectronics M5482B7 Datasheet HTML 3Page - STMicroelectronics M5482B7 Datasheet HTML 4Page - STMicroelectronics M5482B7 Datasheet HTML 5Page - STMicroelectronics M5482B7 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
POWER DISSIPATION OF THE IC
The power dissipation of the IC can be limited using
different configurations.
VD
VOUT
R
ID
+V C
a)
In this application R must be chosen taking into
account the worst operating conditions.
R is determined by the maximum number of seg-
ments activated.
R
=
VC
VD MAX− VO MIN
NMAX
⋅ ID
The worst case condition for the device is when
roughly half of the maximum number of segments
are activated.
It must be checked that the total power dissipation
does not exceed the absolute maximum ratings of
the device.
In critical cases more resistors can be used in
conjunction with groups of segments. In this case
the current variation in the single resistor is reduced
and Ptot limited.
In this configuration the drop on the serial con-
nected diodes is quite stable if the diodes are
properly chosen.
The total power dissipation of the IC is, in first
approximation, depending only on the number of
segments activated.
In this configuration VOUT + VDis constant. The total
power dissipation of the IC depends only on the
number of segments activated.
+V C
b)
+VC
VOUT +VD
c)
M5482
5/6



Html Pages

1 2 3 4 5 6