전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2136 데이터시트(PDF) 33 Page - Texas Instruments

부품명 TUSB2136
상세설명  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 데이터시트(HTML) 33 Page - Texas Instruments

Back Button TUSB2136 Datasheet HTML 29Page - Texas Instruments TUSB2136 Datasheet HTML 30Page - Texas Instruments TUSB2136 Datasheet HTML 31Page - Texas Instruments TUSB2136 Datasheet HTML 32Page - Texas Instruments TUSB2136 Datasheet HTML 33Page - Texas Instruments TUSB2136 Datasheet HTML 34Page - Texas Instruments TUSB2136 Datasheet HTML 35Page - Texas Instruments TUSB2136 Datasheet HTML 36Page - Texas Instruments TUSB2136 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
2−20
D+
TUSB2136
DM0
DP0
CMOS
CONT-Bit
PUR
1.5 k
Ω
15 k
Ω
15 k
Ω
HUB
D−
TUSB2046B
Figure 2−3. Pullup Resistor Connect/Disconnect Circuit
2.9
8052 Interrupt and Status Registers
All seven 8052-standard interrupt sources are preserved. SIE is the standard interrupt enable register, which controls
the seven interrupt sources. All the additional interrupt sources are connected together as an OR to generate INT0.
The INT0 signal is provided to interrupt the MCU (see interrupt connection diagram, Figure 2−4).
Table 2−7. 8052 Interrupt Location Map
INTERRUPT
SOURCE
DESCRIPTION
START
ADDRESS
COMMENTS
ET2
Timer-2 interrupt
002BH
ES
UART interrupt
0023H
ET1
Timer-1 interrupt
001BH
EX1
Internal INT1 or INT1
0013H
Used for P2[7:0] interrupt
ET0
Timer-0 interrupt
000BH
EX0
Internal INT0
0003H
Used for all internal peripherals
Reset
0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53