전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0176C 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0176C
상세설명  DFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 3 x 3 mm body) Compact Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0176C 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0176C Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0176C Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
DFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 3 x 3 mm body) Compact Series
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.30
B
0.65
C
0.30
B2
1.70
C2
2.50
D
0.20
D2
0.30
E
0.50
F
0.300
G
0.100
H
0.46
X
0.400
Y
0.800
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2022 Proto Advantage™
A
B
C
D
E
B2
C2
D2
IIP
PC
C0
01
17
76
6C
C


유사한 부품 번호 - IPC0176C

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0176 PROTOADVANTAGE-IPC0176 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 3 x 3 mm body)
revision 1.0
More results

유사한 설명 - IPC0176C

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
231683 SCHURTER-231683 Datasheet
195Kb / 1P
Clip, 5 x 20 mm, Version 3
logo
ON Semiconductor
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
logo
GREATECS
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
10 x 10 mm Rotary DIP Switches with 3:3 Pinout
STA GREATECS-STA Datasheet
167Kb / 1P
4 x 3 mm Miniature SMT Tactile Switches
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Analog Devices
AD5122A AD-AD5122A Datasheet
669Kb / 32P
The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
REV. A
logo
Panasonic Semiconductor
EVM-3YSX50B54 PANASONIC-EVM-3YSX50B54 Datasheet
106Kb / 3P
3 mm Square SMT Trimmer Potentiometers
logo
Texas Instruments
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
logo
Fronter Electronics Co....
HC-49S-3PIN FRONTER-HC-49S-3PIN Datasheet
185Kb / 2P
3 Pin Dip Crystal 11.4x4.8 mm
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com