전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS-20TQ035PBF 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 VS-20TQ035PBF
상세설명  Schottky Rectifier, 20 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-20TQ035PBF 데이터시트(HTML) 5 Page - Vishay Siliconix

  VS-20TQ035PBF Datasheet HTML 1Page - Vishay Siliconix VS-20TQ035PBF Datasheet HTML 2Page - Vishay Siliconix VS-20TQ035PBF Datasheet HTML 3Page - Vishay Siliconix VS-20TQ035PBF Datasheet HTML 4Page - Vishay Siliconix VS-20TQ035PBF Datasheet HTML 5Page - Vishay Siliconix VS-20TQ035PBF Datasheet HTML 6Page - Vishay Siliconix VS-20TQ035PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-20TQ0..PbF Series, VS-20TQ0..-N3
www.vishay.com
Vishay Semiconductors
Revision: 26-Aug-11
5
Document Number: 94167
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-20TQ035PbF
50
1000
Antistatic plastic tube
VS-20TQ035-N3
50
1000
Antistatic plastic tube
VS-20TQ040PbF
50
1000
Antistatic plastic tube
VS-20TQ040-N3
50
1000
Antistatic plastic tube
VS-20TQ045PbF
50
1000
Antistatic plastic tube
VS-20TQ045-N3
50
1000
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95221
Part marking information
TO-220AC PbF
www.vishay.com/doc?95224
TO-220AC -N3
www.vishay.com/doc?95068
2
-
Current rating (20 = 20 A)
3
-
Package:
T = TO-220
4
-
Schottky “Q” series
5
-
Voltage ratings
035 = 35 V
040 = 40 V
045 = 45 V
Device code
6
2
4
3
5
20
T
Q
045 PbF
VS-
1
1
-
Vishay Semiconductors product
6
-
PbF = Lead (Pb)-free and RoHS compliant
-N3 = Halogen-free, RoHS compliant, and totally lead (Pb)-free
Environmental digit



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com