전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC-13 데이터시트(PDF) 32 Page - ABB

부품명 FC-13
상세설명  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

FC-13 데이터시트(HTML) 32 Page - ABB

Back Button FC-13 Datasheet HTML 28Page - ABB FC-13 Datasheet HTML 29Page - ABB FC-13 Datasheet HTML 30Page - ABB FC-13 Datasheet HTML 31Page - ABB FC-13 Datasheet HTML 32Page - ABB FC-13 Datasheet HTML 33Page - ABB FC-13 Datasheet HTML 34Page - ABB FC-13 Datasheet HTML 35Page - ABB FC-13 Datasheet HTML 36Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
4
4/12
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915
Conduit
Type JM-JM, YHR & SSYHR
ØB
ØA
JM1825-JM1825
ØB
ØA
JM1825-JM1825
ØB
ØA
JM1825-JM1825
3 Nm
3 Nm
3 Nm
3 Nm
Clips for conduit to conduit
Part no.
ABB order code
ØA (mm) ØB (mm) PG type
Load
rating (kg)
Material
finishes
Quantity
(pieces)
JM1825-JM1825
7TCA084030R1463 18-22
18-22
11/13.5/16
11
F8+
25
JM1825-JM2229
7TCA084030R1465 18-22
22-29
16/21
11
F8+
25
JM1825-JM2933
7TCA084030R1467 18-22
29-33
–
11
F8+
25
JM2229-JM2229
7TCA084030R1468 22-29
22-29
16/21
11
F8+
25
JM2229-JM2933
7TCA084030R1470 22-29
29-33
–
11
F8+
25
JM2933-JM2933
7TCA084030R1472 29-33
29-33
–
11
F8+
25
Girder clamps for conduit
Part no.
ABB order code
ØA (mm) ØB (mm) PG type
Load rating
#1 (kg)
Load rating
#2 (kg)
Material
finishes
Quantity
(pieces)
YHR-1618
7TCA084220R0564 16-18
14
11
40
15
F2
100
YHR-1821
7TCA084220R0566 18-21
14
13.5/16
40
15
F2
100
YHR-2427
7TCA084220R0568 24-27
14
21
40
15
F2
100
YHR-3034
7TCA084220R0570 30-34
14
29
40
15
F2
50
YHR-3438
7TCA084220R0572 34-38
14
29
40
15
F2
50
YHR-4751
7TCA084220R0574 47-51
14
36
40
15
F2
50
YHR-5963
7TCA084220R0576 59-63
14
48
40
15
F2
25
SSYHR-1618
7TCA084220R0461 16-18
14
11
40
15
F3
100
SSYHR-1821
7TCA084220R0462 18-21
14
13.5/16
40
15
F3
100
SSYHR-2427
7TCA084220R0464 24-27
14
21
40
15
F3
100
SSYHR-3034
7TCA084220R0466 30-34
14
29
40
15
F3
50
SSYHR-3438 7TCA084220R0468 34-38
14
29
40
15
F3
50
SSYHR-4751
7TCA084220R0470 47-51
14
36
40
15
F3
50
SSYHR-5963 7TCA084220R0472 59-63
14
48
40
15
F3
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80