전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HC163 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 M74HC163
상세설명  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC163 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button M74HC163 Datasheet HTML 7Page - STMicroelectronics M74HC163 Datasheet HTML 8Page - STMicroelectronics M74HC163 Datasheet HTML 9Page - STMicroelectronics M74HC163 Datasheet HTML 10Page - STMicroelectronics M74HC163 Datasheet HTML 11Page - STMicroelectronics M74HC163 Datasheet HTML 12Page - STMicroelectronics M74HC163 Datasheet HTML 13Page - STMicroelectronics M74HC163 Datasheet HTML 14Page - STMicroelectronics M74HC163 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TEST CIRCUIT ICC (Opr.)
SWITCHING CHARACTERISTICS TEST WAVEFORM (continued)
TOTAL OPERATING CURRENT WHEN
USING A CAPACITIVE LOAD
TYPICAL APPLICATION
COUNTENABLE MODE
CASCADE MODE
(fix maximum count)
When the outputs drive a capacitive load, the
total current can be calculated as follows :
For M74HC160/162 :
∆ lCC =fCK ⋅ VCC⋅ 
Ca
2
+
Cb
5
+
Cc
10
+
Cd
10
+
Cca
10
For M74HC161/163 :
∆ lCC =fCK ⋅ VCC⋅
Ca
2
+
Cb
4
+
Cc
8
+
Cd
16
+
Cca
16
Ca to Cca are the capacitors loading the out-
puts.
M54/M74HC160/161/162/163
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16