전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0142C 데이터시트(PDF) 2 Page - Proto Advantage SMD Adapter

부품명 IPC0142C
상세설명  SOP-8 to DIP-8 SMT Adapter (2.54 mm pitch, 9.5 x 6.62 mm body) Compact Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0142C 데이터시트(HTML) 2 Page - Proto Advantage SMD Adapter

  IPC0142C Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0142C Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bottom View (DIP Pins)
(Representative drawing only - not to scale)
2
© 2007-2022 Proto Advantage™
F
G
H
Side View (DIP Pins)
(Representative drawing only - not to scale)
F
Y
X
3.00 mm
0.45 mm
1.35 mm
0.46 mm



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com