전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RP515K103C 데이터시트(PDF) 13 Page - Nisshinbo Micro Devices Inc.

부품명 RP515K103C
상세설명  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NISSHINBO [Nisshinbo Micro Devices Inc.]
홈페이지  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C 데이터시트(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button RP515K103C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
RP515x
No.EA-505-251006
13
Undervoltage Lockout (UVLO) Circuit
When VIN becomes lower than VSET, the buck DC/DC converter stops its switching operation and ON duty
becomes 100%, then VOUT gradually falls according to VIN. When the VIN drops below the UVLO detector
threshold (VUVLOF), the UVLO operates, VREF stops, and PMOS and NMOS built-in switch transistors turn “OFF”.
As a result, VOUT drops according to the COUT1 capacitance value and IOUT. As for RP515xxx1D, the discharge
transistor for COUT1 discharges after it turns on.
To restart the operation, VIN needs to exceed VUVLOR. The timing chart below shows the voltage shifts of VREF,
VLX and VOUT when VIN value is varied.
Note: Falling edge (operating) and rising edge (releasing) waveforms of VOUT could be affected by the initial
voltage of COUT1 and the output current of VOUT.
VOUT
VIN
VUVLOR
VREF
VUVLOF
VLX
VSET
VOUT
Depending on Power Supply,
Load Current, External Components
tSTART
Timing Chart with Variations in Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32