전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HC241 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 M74HC241
상세설명  HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC241 데이터시트(HTML) 3 Page - STMicroelectronics

  M74HC241 Datasheet HTML 1Page - STMicroelectronics M74HC241 Datasheet HTML 2Page - STMicroelectronics M74HC241 Datasheet HTML 3Page - STMicroelectronics M74HC241 Datasheet HTML 4Page - STMicroelectronics M74HC241 Datasheet HTML 5Page - STMicroelectronics M74HC241 Datasheet HTML 6Page - STMicroelectronics M74HC241 Datasheet HTML 7Page - STMicroelectronics M74HC241 Datasheet HTML 8Page - STMicroelectronics M74HC241 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IEC LOGIC SYMBOLS
TRUTH TABLE
INPUT
OUTPUT
G
G (HC241)
An
Yn (HC240)
Yn (HC241)
Yn (HC244)
LHLHL
L
LH
HLH
H
HLX
Z
Z
Z
X: ”H” or ”L”
Z: High impedance
CIRCUIT SCHEMATIC (1/8 PACKAGE)
HC244
HC241
HC240
HC240
HC241/244
M54/M74HC240/241/244
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12