전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M29W400 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 M29W400
상세설명  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button M29W400 Datasheet HTML 3Page - STMicroelectronics M29W400 Datasheet HTML 4Page - STMicroelectronics M29W400 Datasheet HTML 5Page - STMicroelectronics M29W400 Datasheet HTML 6Page - STMicroelectronics M29W400 Datasheet HTML 7Page - STMicroelectronics M29W400 Datasheet HTML 8Page - STMicroelectronics M29W400 Datasheet HTML 9Page - STMicroelectronics M29W400 Datasheet HTML 10Page - STMicroelectronics M29W400 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Output Enable (G). The Output Enable gates the
outputs through the data buffers during a read
operation. When G is High the outputs are High
impedance. G must be forced to VID level during
Block Protection and Unprotection operations.
Write Enable (W). This input controls writing to the
Command Register and Addressand Data latches.
Byte/Word Organization Select (BYTE). The
BYTE input selects the output configuration for the
device: Byte-wide (x8) mode or Word-wide (x16)
mode. When BYTE is Low, the Byte-wide mode is
selected and the data is read and programmed on
DQ0-DQ7. In this mode, DQ8-DQ14 are at high
impedance and DQ15A–1 is the LSB address.
When BYTE is High, the Word-wide mode is se-
lected and the data is read and programmed on
DQ0-DQ15.
Ready/Busy Output (RB). Ready/Busy is an
open-drain output and gives the internal state of the
P/E.C. of the device. When RB is Low, the device
is Busy with a Program or Erase operation and it
will not accept any additional program or erase
instructions except the Erase Suspend instruction.
When RB is High, the device is ready for any Read,
Program or Erase operation. The RB will also be
High when the memory is put in Erase Suspend or
Standby modes.
Reset/Block Temporary Unprotect Input (RP).
The RP Input provides hardware reset and pro-
tected block(s) temporary unprotection functions.
Reset of the memory is acheived by pulling RP to
VIL for at least tPLPX. When the reset pulse is given,
if the memory is in Read or Standby modes, it will
be available for new operations in tPHEL after the
rising edge of RP. If the memory is in Erase, Erase
Suspend or Program modes the reset will take
tPLYH during which the RB signal will be held at VIL.
The end of the memory reset will be indicated by
the rising edge of RB. A hardware reset during an
Erase or Program operation will corrupt the data
being programmed or the sector(s) being erased
(see Table 14 and Figure 9).
Temporary block unprotection is made by holding
RP at VID. In this condition previously protected
blocks can be programmed or erased. The transi-
tion of RP from VIH to VID must slower than tPHPHH.
When RP is returned from VID to VIH all blocks
temporarily unprotected will be again protected.
See Table 15 and Figure 9.
VCC Supply Voltage. The power supply for all
operations (Read, Program and Erase).
VSS Ground. VSS is the reference for all voltage
measurements.
DEVICE OPERATIONS
See Tables 4, 5 and 6.
Read. Read operations are used to output the
contents of the Memory Array, the Electronic Sig-
nature, the Status Register or the Block Protection
Status. Both Chip Enable E and Output Enable G
must be low in order to read the output of the
memory.
Write. Writeoperationsare used to give Instruction
Commands to the memory or to latch input data to
be programmed. A write operation is initiated when
Chip Enable E is Low and Write Enable W is Low
with Output Enable G High. Addresses are latched
on the falling edge of W or E whichever occurs last.
Commands and Input Data are latchedon therising
edge of W or E whichever occurs first.
Output Disable. The data outputs are high imped-
ance when the Output Enable G is High with Write
Enable W High.
Standby. The memory is in standby when Chip
Enable E is High and the P/E.C. is idle. The power
consumption is reduced to the standby level and
the outputs are high impedance, independent of
the Output Enable G or Write Enable W inputs.
Automatic Standby. After 150ns of bus inactivity
and when CMOS levels are driving the addresses,
the chip automatically enters a pseudo-standby
mode where consumption is reduced to the CMOS
standby value, while outputs still drive the bus.
Electronic Signature. Two codes identifying the
manufacturer and the device can be read from the
memory. The manufacturer ’s code for STMi-
croelectronics is 20h, the device code is EEh for
the M29W400T (Top Boot) and EFh for the
M29W400B(Bottom Boot). These codes allow pro-
gramming equipment or applications to automat-
ically match their interface to the characteristics of
the M29W400. The Electronic Signature is output
by a Read operation when the voltage applied to
A9 is at VID and address inputs A1 is Low. The
manufacturer code is output when the Address
input A0 is Low and the device code when this
input is High. Other Address inputs are ignored.
The codes are output on DQ0-DQ7.
The Electronic Signature can also be read, without
raising A9 to VID, by giving the memory the Instruc-
tion AS. If the Byte-wide configuration is selected
the codes are output on DQ0-DQ7 with DQ8-DQ14
at High impedance; if the Word-wide configuration
is selected the codes are output on DQ0-DQ7 with
DQ8-DQ15 at 00h.
7/34
M29W400T, M29W400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34