| 전자부품 데이터시트 검색엔진 |
|
DLEL-101 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DLEL-101 데이터시트(HTML) 5 Page - NXP Semiconductors |
|
5 / 6 page ![]() fRont D45, LED CATHODE, 80C MAX. D27, LED CATHODE, 80C MAX. BacK Q3, DRIVE TRANSISTOR, MIDDLE PIN, 100C MAX. U1, VOLTAGE REGULATOR, 80C MAX. BacK Q1, DRIVE TRANSISTOR, MIDDLE PIN, 105C MAX. U1, VOLTAGE REGULATOR, 80C MAX. thERMaL MEasUREMEnt tEst points fRont D39, LED CATHODE, 80C MAX. thermal Measurement DLE L-101 generates a maximum amount of heat when set to white (full red, green, and blue). Set the board to full white and allow everything to warm up and stabilize before testing. Thermal tests must be performed at the system’s highest rated operating temperature. For elevated ambient temperatures, test the system in an environmental chamber or similar test apparatus that can maintain the desired ambient temperature for the duration of the test. Using a thermocouple, measure the locations indicated above on the DLE L-101 and ensure they are below the maximum temperature. note: Refer to DLE Integration Guide for complete integration instructions and warnings. DLE L-101 THERMAL MEASUREMENT Philips Solid-State Lighting Solutions • 3 Burlington Woods Drive • Burlington, MA 01803 • USA Tel 888 FULL RGB • Tel 617 423 9999 • Fax 617 423 9998 • info@colorkinetics.com • www.colorkinetics.com |