전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA845 데이터시트(PDF) 1 Page - Infinite Electronics International, Inc.

부품명 BA845
상세설명  Y ADAPTOR BNC M/F/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  L-COM [Infinite Electronics International, Inc.]
홈페이지  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA845 데이터시트(HTML) 1 Page - Infinite Electronics International, Inc.

  BA845 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.6 39.4
BNC PLUG
2X BNC JACK
1.3 32.1
.7
.4 11
SPECIFICATIONS;
MATERIALS;
SHELL: BRASS
INSULATOR: DELRIN
FINISH;
SHELL: NICKEL PLATED
CONTACT: GOLD PLATED
ELECTRICAL;
CHARACTERISTIC IMPEDANCE: 50 OHM
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA845
C
BA845.SLDDRW
1
1
MCCORMICK
11/14/01
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
11/14/01
11/12/01
11/19/01
B
B
RELEASED FOR PRODUCTION
REVISED TOLERANCES PER ECN 1489
08/08/03
MCCORMICK
MCCORMICK
C
ECN 3131: UPDATE DWG FORMAT
12/28/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
Y ADAPTOR BNC M/F/F
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


유사한 부품 번호 - BA845

제조업체부품명데이터시트상세설명
logo
Infinite Electronics In...
BA840 L-COM-BA840 Datasheet
69Kb / 1P
ADAPTOR F BNC F/F/M
11/14/2001
logo
Rohm
BA8400 ROHM-BA8400 Datasheet
124Kb / 9P
CTL recording / playback amplifier for VHS VCRs
BA8400FV ROHM-BA8400FV Datasheet
124Kb / 9P
CTL recording / playback amplifier for VHS VCRs
logo
List of Unclassifed Man...
BA8420 ETC1-BA8420 Datasheet
375Kb / 3P
Motor speed and phase control
More results

유사한 설명 - BA845

제조업체부품명데이터시트상세설명
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
6735 POMONA-6735 Datasheet
175Kb / 1P
BNC (M), BNC (F) Panel
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
PHOENIX CONTACT
1403330 PHOENIX-1403330 Datasheet
68Kb / 3P
Y distributor - SAC-5PY-F/M-F VP
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com