| 전자부품 데이터시트 검색엔진 |
|
AF400 데이터시트(PDF) 1 Page - ABB |
|
|
|||||||||||||||||||||||||||||
AF400 데이터시트(HTML) 1 Page - ABB |
|
|
1 / 1 page ![]() 2 ABB | 2/179 Connections Terminal enlargements Description Enlargement pieces designed to increase the width of the contactor terminal pads in order to allow larger connections to be mounted. Ordering details For contactors Dimensions Order code Pkg qty Weight (1 pce) hole Ø mm bar mm kg AF116 ... AF140 6.5 13 x 3 LW140 1 0.115 AF190, AF205 10.5 17.5 x 5 LW205 1 0.260 AF265 ... AF370 10.5 20 x 5 LW370 1 0.340 AF400, AF460 10.5 25 x 5 LW460 1 0.730 AF580, AF750 13 40 x 6 LW750 1 1.230 AF1250 13 50 x 10 LW1250 1 2.000 Terminal extension Description Extension pieces designed to extend the main terminals of contactors for combined mounting of contactors and connection sets. Ordering details For contactors Dimensions Order code Pkg qty Weight (1 pce) hole Ø mm bar mm kg AF116 ... AF140 6.5 13 x3 LX140 1 0.072 AF190, AF205 8.5 17.5 x 5 LX205 1 0.180 AF265 ... AF370 10.5 20 x 5 LX370 1 0.234 AF400, AF460 10.5 25 x 5 LX460 1 0.500 AF580, AF750 13 40 x 6 LX750 1 0.850 Connection sockets Description Connection socket can be used to replace built-in cable clamps in AF116 ... AF140. Ordering details For contactor Order code Pkg Weight qty (1 pce) kg AF116 ... AF140 LL146-30 6 0.102 Connection module Description Connection module can be fixed on AF116 ... AF140 delivered with bar terminals. Ordering details For contactor Order code Pkg Weight qty (1 pce) kg AF116 ... AF140 LD146-30 2 0.165 LW140 LX140 LL146-30 LD146-30 93311_ABB_maincatalogue_livre.indb 179 13-07-12 12:42 |
유사한 부품 번호 - AF400 |
|
유사한 설명 - AF400 |