전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPP-SOULE 데이터시트(PDF) 67 Page - ABB

부품명 EPP-SOULE
상세설명  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

EPP-SOULE 데이터시트(HTML) 67 Page - ABB

Back Button EPP-SOULE Datasheet HTML 63Page - ABB EPP-SOULE Datasheet HTML 64Page - ABB EPP-SOULE Datasheet HTML 65Page - ABB EPP-SOULE Datasheet HTML 66Page - ABB EPP-SOULE Datasheet HTML 67Page - ABB EPP-SOULE Datasheet HTML 68Page - ABB EPP-SOULE Datasheet HTML 69Page - ABB EPP-SOULE Datasheet HTML 70Page - ABB EPP-SOULE Datasheet HTML 71Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
68
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
ESB installation contactors
Technical features
—
ESB installation contactors technical features
Main Pole - Utilization Characteristics according to IEC
Contactor types:
AC operated
ESB20/EN20
AC/DC operated
ESB24/
EN24
ESB40/
EN40
ESB63
Rated operational voltage Ue max.
V
250
400
Rated frequency limits
Hz
50/60
DC or 50/60 Hz
Utilization category AC-1 / AC-7a
for air temperature close to contactor < 55 °C
Max. rated operational current Ie AC-1 / AC-7a
(NO) A
20
24
40
63
(NC) A
20
24
30
30
Rated operational power AC-1/
AC-7a
230 V - 1 phase
(NO) kW
4
5.5
9.2
14.5
400 V - 3 phases
(NO) kW
-
16
26
41
230 V - 1 phase
(NC) kW
4
5.3
8.8
6.9
400 V - 3 phases
(NC) kW
-
16
26
26
Utilization category AC-3 / AC-7b
for air temperature close to con-
tactor < 55 °C
Max. rated operational current Ie
AC-3/AC-7b
230 V - 1 phase
A
9
9
22
30
400 V - 3 phases
A
-
9
22
30
Rated operational power AC-3/
AC-7b
230 V - 1 phase
kW
1.1
1.3
3.7
5
400 V - 3 phases
kW
-
4
11
15
Rated making capacity AC-3/AC-7b
10 x Ie / AC-3
Rated breaking capacity AC-3/AC-7b
8 x Ie / AC-3
Short-circuit protection for contactors
gG type fuse
A
20
35
63
80
Rated short-time withstand cur-
rent Icw at 40 °C ambient temp.,
in free air, from a
cold state
10 s
A
72
72
176
240
Heat dissipation per pole
Ie / AC-1/AC-7a
W
1
3
4
6
Max. electrical switching fre-
quency
– for AC-1 / AC-7a
cycles/h
300
– for AC-3 / AC-7b
cycles/h
600
Electrical durability
– for AC-1 / AC-7a
cycles
150000
150000
150000
150000
– for AC-3 / AC-7b
cycles
150000
500000
170000 240000
Mechanical durability
– millions of
operating cycles
1.000.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com