전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPP-R2032 데이터시트(PDF) 15 Page - ABB

부품명 EPP-R2032
상세설명  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

EPP-R2032 데이터시트(HTML) 15 Page - ABB

Back Button EPP-R2032 Datasheet HTML 11Page - ABB EPP-R2032 Datasheet HTML 12Page - ABB EPP-R2032 Datasheet HTML 13Page - ABB EPP-R2032 Datasheet HTML 14Page - ABB EPP-R2032 Datasheet HTML 15Page - ABB EPP-R2032 Datasheet HTML 16Page - ABB EPP-R2032 Datasheet HTML 17Page - ABB EPP-R2032 Datasheet HTML 18Page - ABB EPP-R2032 Datasheet HTML 19Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
15
Pluggable feature
The pluggable feature of ABB OVR T1-T2, T2 and T2-T3 surge
protective devices (SPDs) facilitates maintenance. Should
one or more worn cartridges need to be replaced, the
electrical circuit does not have to be isolated nor do the
wires have to be removed.
Active status indication
The Furse ESP 415 CD40 offers three way LED status
indication, showing full, reduced and no protection. It also
notifies the user of loss of phase, loss of power and warning
of excessive volts between N-E.
K E Y M O D U L A R CO M P O N EN T S - OV R P LUS - A CO M P L E T E R A N G E FO R YO U R SU R G E P R OT EC T I O N
Complete coordination
The bi-directional cylindrical terminal block of the OVR Plus
range allows a complete coordination with the ABB
range with considerable time savings in wiring operations.
All the devices allow connection through busbars, both from
above and from below.
Furse option for critical installations
The Furse ESP 415 CD40 provides continuous operation of
sensitive electronic systems in lightning intense
environments, offering market-leading levels of protection,
making it ideal for high-end applications, such as hospitals,
data centres and automated process control systems.
PLEASE
SUPPLY
IMAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75