| 전자부품 데이터시트 검색엔진 |
|
OS63GD22N2P 데이터시트(PDF) 4 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OS63GD22N2P 데이터시트(HTML) 4 Page - ABB |
|
4 / 12 page ![]() 4 Ordering information | Switch fuses OS32...160 A Gamma series Ordering information Switch fuses OS32G...160G_, DIN-types Front operated switch fuses Including a black ON-OFF plastic handle and shaft as standard. OS32G_...63G_ include protected tunnel terminals (IP20) and OS125G...160G include a terminal bolt kit. The handle is IP65 protected, padlockable in the OFF-position and with door interlock in the ON-position and when padlocked. The shaft is adjustable for a range of installation depths. Rated op. Rated op. Fuse Number Type Order number Units/ Weight/ current power size of type unit AC-20...23 AC-23 poles [pcs] [kg] ≤ 690V 400/500/690V [A] [kW] Mechanism between the poles 32 15/18.5/22 000 3 OS32GD12P 1SCA114581R1001 1 1.3 32 15/18.5/22 000 4 OS32GD22N2P 1SCA115202R1001 1 1.6 63 30/37/55 000 3 OS63GD12P 1SCA115227R1001 1 1.3 63 30/37/55 000 4 OS63GD22N2P 1SCA115230R1001 1 1.6 125 55/75/110 000, 00 3 OS125GD12P 1SCA115641R1001 1 1.5 125 55/75/110 000, 00 4 OS125GD22N2P 1SCA115880R1001 1 1.8 160 75/90/132 000, 00 3 OS160GD12P 1SCA115643R1001 1 1.5 160 75/90/132 000, 00 4 OS160GD22N2P 1SCA115884R1001 1 1.8 Mechanism at the end of the switch fuse 32 15/18.5/22 000 3 OS32GD03P 1SCA115189R1001 1 1.3 32 15/18.5/22 000 4 OS32GD04N2P 1SCA115193R1001 1 1.6 63 30/37/55 000 3 OS63GD03P 1SCA115207R1001 1 1.3 63 30/37/55 000 4 OS63GD04N2P 1SCA115209R1001 1 1.6 125 55/75/110 000, 00 3 OS125GD03P 1SCA115639R1001 1 1.5 125 55/75/110 000, 00 4 OS125GD04N2P 1SCA115877R1001 1 1.8 160 75/90/132 000, 00 3 OS160GD03P 1SCA115399R1001 1 1.5 160 75/90/132 000, 00 4 OS160GD04N2P 1SCA115882R1001 1 1.8 Side operated switch fuses without handle and shaft OS32G_...63G_ include protected tunnel terminals (IP20) and OS125G...160G include a terminal bolt kit. Rated op. Rated op. Fuse Number Type Order number Units/ Weight/ current power size of type unit AC-20...23 AC-23 poles [pcs] [kg] ≤ 690V 400/500/690V [A] [kW] 32 15/18.5/22 000 3 OS32GDS30 1SCA115963R1001 1 1.3 32 15/18.5/22 000 4 OS32GDS40N2 1SCA116046R1001 1 1.6 63 30/37/55 000 3 OS63GDS30 1SCA116007R1001 1 1.3 63 30/37/55 000 4 OS63GDS40N2 1SCA116047R1001 1 1.6 125 55/75/110 000, 00 3 OS125GDS30 1SCA115966R1001 1 1.5 125 55/75/110 000, 00 4 OS125GDS40N2 1SCA115967R1001 1 1.8 160 75/90/132 000, 00 3 OS160GDS30 1SCA115968R1001 1 1.5 160 75/90/132 000, 00 4 OS160GDS40N2 1SCA115969R1001 1 1.8 Shafts and handles included as standard / Front operated switch fuses Suitable for switches Included shaftIncluded handle Included terminal bolts OS32G_...63G_ OXP6X161OHB45J6 OS125G_...160G_ OXP6X161OHB65J6 M8x25 OS_N2_ = Non-fused neutral on the right side ON ON O F F O F F ON ON OFF OFF ON ON O F F O F F ON ON OFF OFF OS125G_...160G_03P OS32G_...63G_03P ON ON O F F O F F ON ON O F F O F F OS32G_...63GDS_ (handle and the shaft to be ordered separately) OS125G_...160GDS_ (handle and the shaft to be ordered separately) |