전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M93C76-MB3TG 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M93C76-MB3TG
상세설명  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-MB3TG 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button M93C76-MB3TG Datasheet HTML 2Page - STMicroelectronics M93C76-MB3TG Datasheet HTML 3Page - STMicroelectronics M93C76-MB3TG Datasheet HTML 4Page - STMicroelectronics M93C76-MB3TG Datasheet HTML 5Page - STMicroelectronics M93C76-MB3TG Datasheet HTML 6Page - STMicroelectronics M93C76-MB3TG Datasheet HTML 7Page - STMicroelectronics M93C76-MB3TG Datasheet HTML 8Page - STMicroelectronics M93C76-MB3TG Datasheet HTML 9Page - STMicroelectronics M93C76-MB3TG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Description
M93C86, M93C76, M93C66, M93C56, M93C46
6/37
1
Description
The M93C86, M93C76, M93C66, M93C56 and M93C46 are electrically erasable
programmable memory (EEPROM) devices. They are accessed through a Serial Data input
(D) and Serial Data output (Q) using the MICROWIRE bus protocol.
Figure 1.
Logic diagram
The memory array organization may be divided into either bytes (x8) or words (x16) which
may be selected by a signal applied on Organization Select (ORG). The bit, byte and word
sizes of the memories are as shown in Table 3.
Table 2.
Signal names
Signal name
Function
Direction
S
Chip Select
Input
D
Serial Data input
Input
Q
Serial Data output
Output
C
Serial Clock
Input
ORG
Organisation Select
Input
VCC
Supply voltage
VSS
Ground
AI01928
D
VCC
M93Cx6
VSS
C
Q
S
ORG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37