| 전자부품 데이터시트 검색엔진 |
|
OS60GJS30 데이터시트(PDF) 10 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OS60GJS30 데이터시트(HTML) 10 Page - ABB |
|
10 / 12 page ![]() 10 Dimension drawings | Switch fuses OS32...160 A Gamma Series T O O F F ON 95,5 43 17,5 53,3 33,4 20 8,5 7,2 5,5 114,5 M5 46 35 A C 65 45 81 138...205 (OXP 6x161) 38 2,5 140 14 min B 6 OS100-160GD/F mm OS100-160GB mm D/F01 D/F02 D/F03 D/F04 B01 B02 B03 B04 A B C A1 B1 C1 76,5 130 100 55 70 85 111,5 130 100 90 105 120 146,5 130 100 125 140 155 181,5 130 100 160 175 190 76,5 114,5 118 55 70 85 111,5 114,5 118 90 105 120 146,5 114,5 118 125 140 155 181,5 114,5 118 160 175 190 T O O F F ON T O O F F ON T O O F F ON 10 114 A1 B1 110 17,5 C1 84 25 T O O F F ON 95,5 43 36 33,4 20 8,5 7,2 5,5 71,5 35 D A M5 114,5 C 65 6 45 81 138...205 (OXP 6x161) 38 2,5 20 140 14 min B OS100-160GD/F OS100-160GB mm mm A B C D A1 A2 B1 B2 C1 C2 D/F11 D/F12 D/F13 D/F22 B11 B12 B13 B22 113 130 100 81 90 45 105 52,5 120 60 148 130 100 81 125 45 140 52,5 155 60 183 130 100 81 160 45 175 52,5 190 60 183 130 100 116 160 80 175 87,5 190 95 113 114,5 118 81 90 45 105 52,5 120 60 148 114,5 118 81 125 45 140 52,5 155 60 183 114,5 118 81 160 45 175 52,5 190 60 183 114,5 118 116 160 80 175 87,5 190 95 T O O F F ON T O O F F ON T O O F F ON A2 114 A1 110 B2 B1 84 C1 C2 Switch fuses OS32G...160G_ Dimension drawings OS125...160G_ XXXXXXXxxx |