전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OS60GJS40F 데이터시트(PDF) 10 Page - ABB

부품명 OS60GJS40F
상세설명  Switches Switch fuses OS32...160 A Gamma series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

OS60GJS40F 데이터시트(HTML) 10 Page - ABB

Back Button OS60GJS40F Datasheet HTML 4Page - ABB OS60GJS40F Datasheet HTML 5Page - ABB OS60GJS40F Datasheet HTML 6Page - ABB OS60GJS40F Datasheet HTML 7Page - ABB OS60GJS40F Datasheet HTML 8Page - ABB OS60GJS40F Datasheet HTML 9Page - ABB OS60GJS40F Datasheet HTML 10Page - ABB OS60GJS40F Datasheet HTML 11Page - ABB OS60GJS40F Datasheet HTML 12Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 Dimension drawings | Switch fuses OS32...160 A Gamma Series
T
O
O
F
F
ON
95,5
43
17,5
53,3
33,4
20
8,5 7,2
5,5
114,5
M5
46
35
A
C
65
45
81
138...205 (OXP 6x161)
38
2,5
140
14 min
B
6
OS100-160GD/F
mm
OS100-160GB
mm
D/F01 D/F02 D/F03 D/F04 B01 B02 B03 B04
A
B
C
A1
B1
C1
76,5
130
100
55
70
85
111,5
130
100
90
105
120
146,5
130
100
125
140
155
181,5
130
100
160
175
190
76,5
114,5
118
55
70
85
111,5
114,5
118
90
105
120
146,5
114,5
118
125
140
155
181,5
114,5
118
160
175
190
T
O
O
F
F
ON
T
O
O
F
F
ON
T
O
O
F
F
ON
10
114
A1
B1
110
17,5
C1
84
25
T
O
O
F
F
ON
95,5
43
36
33,4
20
8,5
7,2
5,5
71,5
35
D
A
M5
114,5
C
65
6
45
81
138...205 (OXP 6x161)
38
2,5
20
140
14 min
B
OS100-160GD/F
OS100-160GB
mm
mm
A
B
C
D
A1
A2
B1
B2
C1
C2
D/F11 D/F12 D/F13 D/F22 B11 B12 B13 B22
113
130
100
81
90
45
105
52,5
120
60
148
130
100
81
125
45
140
52,5
155
60
183
130
100
81
160
45
175
52,5
190
60
183
130
100
116
160
80
175
87,5
190
95
113
114,5
118
81
90
45
105
52,5
120
60
148
114,5
118
81
125
45
140
52,5
155
60
183
114,5
118
81
160
45
175
52,5
190
60
183
114,5
118
116
160
80
175
87,5
190
95
T
O
O
F
F
ON
T
O
O
F
F
ON
T
O
O
F
F
ON
A2
114
A1
110
B2
B1
84
C1
C2
Switch fuses OS32G...160G_
Dimension drawings
OS125...160G_
XXXXXXXxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12