| 전자부품 데이터시트 검색엔진 |
|
M29F200 데이터시트(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29F200 데이터시트(HTML) 32 Page - STMicroelectronics |
|
32 / 33 page ![]() SO-a E N CP B e A D C L A1 α 1 H hx 45 ° Symb mm inches Typ Min Max Typ Min Max A 2.42 2.62 0.095 0.103 A1 0.22 0.23 0.009 0.010 B 0.50 0.020 C 0.10 0.25 0.004 0.010 D 28.10 28.30 1.106 1.114 E 13.20 13.40 0.520 0.528 e 1.27 – – 0.050 – – H 15.90 16.10 0.626 0.634 L 0.80 – – 0.031 – – α 3 ° –– 3 ° –– N44 44 CP 0.10 0.004 Drawing is not to scale. SO44 - 44 lead Plastic Small Outline, 525 mils body width 32/33 M29F200T, M29F200B |