| 전자부품 데이터시트 검색엔진 |
|
OPG2 데이터시트(PDF) 95 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 데이터시트(HTML) 95 Page - ABB |
|
95 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated switch-disconnectors OT160...800 with wide phase distance, base mounting, IEC OT315_WP and OT400_WP 70 M5 26 58 Ø11 5 12,5 150 75 54 A 25 140 120 220 185 33 40 (OXP 12x185) 165...245 85 22 20 min M00019/OT400U/E01_04W/ES G OT315/400 [mm] E01W E02W E03W E04W A 113 167 221 275 A1 88 142 196 250 B1106 160 214 268 C1124 178 232 286 Remark: Dimension drawings for types OT1000_W_P...OT1600_W_P, see page 98 and OT2000...2500_W_P, see page 101. 70 M5 26 58 Ø11 5 12,5 150 75 54 A 25 140 120 220 185 33 40 (OXP 12x185) 165...245 85 22 20 min M00019/OT400U/E01_04W/ES G OT315/400 [mm] E01W E02W E03W E04W A 113 167 221 275 A1 88 142 196 250 B1106 160 214 268 C1124 178 232 286 Main dimensions mm OT315/400 [mm] E01W E02W E03W E04W A 113 167 221 275 A1 88 142 196 250 B1 106 160 214 268 C1 124 178 232 286 M00019/OT400U/E01_04W/ES G ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 95 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 95 |